Part Number Hot Search : 
C4050 PEB24902 MT9160BN TC13003 FX836 B1160C LA9201M CXG1013N
Product Description
Full Text Search
 

To Download APC-7102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APC-7102(AMB-2003)
Industrial Computing Platform Partner
Intel(R) Pentium(R) III and Celeron(R) Processor-based Industrial Robust Panel PC with 10.4" TFT LCD & 2 Expansion Slots
Features
10.4" TFT VGA (640 x 480) LCD Socket 370-based Intel(R) Pentium(R) III and Celeron(R) Processors Up To 850MHz System Memory up to 256MB SDRAM Disk Drive Bay For CD-ROM, Floppy Disk Drive and Hard Disk Drive Two Free Expansion Slots For ISA Or PCI
Specifications
System 3.5" floppy disk drive Power on/off COM ports External IDE and Floppy Disk Drive connectors COM port 10/100 Base-TX Ethernet connector Processor Memory LCD/CRT Controller Ethernet I/O Port Parallel port CRT D-Sub Storage Disk Drive Socket 370-based Intel(R) Pentium(R) III and Celeron(R) processor up to 850MHz with FSB 66/100MHz Supports up to 256MB SDRAM C&T 69000 controller with 2MB SDRAM. CRT & LCD panel support Intel(R) 82559ER, 10/100 Base-TX RJ-45 connector x 1 2 serial ports : 1 x RS-232, 1 x RS-232/422/485 (COM 2 is reserved for TouchScreen) 1 parallel port (supports ECP/EPP) 1 PS/2 mouse and keyboard port 3.5" Hard Disk Drive or 2.5" Hard Disk Drive, Slim Floppy Disk Drive and Slim CD-ROM (Both types of housings cannot be used at the same time) Pin header for Dual USB with USB bracket cable 2 x PCI or 1 x ISA and 1 x PCI slot Universal 70W switching power supply MS DOS, Windows(R) 98SE, Windows(R) 2000, Windows(R) XP* (TouchScreen model does not support Windows XP.)
USB Connector Expansion slots for ISA or PCI Cooling fan Power connector CD-ROM drive PS/2 Keyboard & Mouse Mini DIN Expansion Slot Power Supply OS Support Mechanical Construction Front Panel Color Mounting USB Bracket Y Cable for PS/2 Key board & Mouse Dimension Carton Dimension Gross Weight Environmental Operating Temperature Storage Temperature Operating Humidity Vibration Shock EMC
Heavy-duty steel chassis & plastic front panel PMC cool gray 4C Panelmount Optional : Rotatable mounting mechanism 13" (W) x 9.9" (H) x 5.6" (D) (330mm x 252mm x 143mm) 18.6" (W) x 16.3" (H) x 14.2" (D) (471mm x 413mm x 360mm) 24.3 lb (11Kg)
32F~113F (0C to 45C) -4F~140F (-20C to 60C) 10% to 90%@35C, non-condensing Random non-operation 2G, 5~500Hz 15G peak non-acceleration (11 msec. duration) CE/FCC Class A
04-7 Note: All specifications are subject to change without notice.
Industrial Computing Platform Partner
01
Medical Station Solutions - ONYX Series
Dimension
Unit: mm
Cut Size: 309 x 231 mm
02
Medical Display Solutions - ONYX Series
03
Operator Panel Solutions - OMNI Series
04
Robust Panel PC Solutions
05
Embedded Controller Boxer S Series
PowerSupply AC Input 70W (standard) 24V DC Input 72W Input: 85V AC ~ 270V AC @ 47 ~ 63Hz Output: +5V@10A, +12V@1.5A, -12V@0.3A Input: 10V DC ~ 30V DC @ 13A max Output: +5V@10A, +12V@1.5A, -12V@0.3A LCD Display Type Max. Resolution Max. Colors Dot Size Luminance Viewing Angle Back Light MTBF TouchScreen (optional) Type Resolution Light Transmission Lifetime OS Support 8-wire, Analog Resistive 1024 x 1024 76% 2 1 million activations MS DOS, Windows 98SE, Windows 2000
(R) (R)
Ordering Information
* AMB-2003HT-D1 * AMB-2003HT-D2 * AMB-2003HT-D3 * AMB-2003HT-D4
Panel PC with 10.4" TFT, Socket 370 SBC, AC Power Supply Panel PC with 10.4" TFT, Socket 370 SBC, AC Power Supply, Floppy Disk Drive, CD-ROM Panel PC with 10.4" TFT, Socket 370 SBC, 24V DC Power Supply Panel PC with 10.4" TFT, Socket 370 SBC, 24V DC Power Supply, Floppy Disk Drive, CD-ROM AMB-2003HT-D1 with Resistive TouchScreen AMB-2003HT-D2 with Resistive TouchScreen AMB-2003HT-D3 with Resistive TouchScreen AMB-2003HT-D4 with Resistive TouchScreen
06
Embedded Controller - BOXER Series
10.4" color TFT LCD 640 x 480 256K 0.33mm x 0.33mm 250 cd/m2 (TYP.) 80(H) / 45(V) 30,000 hrs
07
Industrial Monitor Solutions
* AMB-2003HTT-D1 * AMB-2003HTT-D2 * AMB-2003HTT-D3 * AMB-2003HTT-D4
08
Sun-readable & Vhicle LCD Monitors
Optional Accessories
* ARM-MK10-0
Rotatable Mounting Mechanism for APC-7102 & APC-7100 series
09
Industrial Workstation Solutions
* 3.5"or2.5"HardDiskDrive
10
Common Accessories
www.aaeon.com
04-8


▲Up To Search▲   

 
Price & Availability of APC-7102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X